PART |
Description |
Maker |
HM6216255HCTTI HM6216255HCJPI |
High-Speed SRAMs
|
Hitachi Semiconductor
|
CXK77B1840AGB CXK77B3640AGB |
4Mb Late Write HSTL High Speed Synchronous SRAMs (128K x 36 or 256K x 18 Organization) From old datasheet system
|
Sony
|
CXK79M36C162GB-5 |
18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36) 35.7 1x2Lp HSTL高速(512KB的36同步静态存储器
|
Sony, Corp.
|
CXK77Q36162GB |
MEMORY-UHS Synch SRAMs 16Meg Ultra-High-Speed Synchronous SRAM (512K x 36) (24 pages 311K Rev. 7/3/02) 内存超高强同步SRAM6Meg超高速同步SRAM(为512k × 36)(2431.1牧师7/3/02
|
Sharp, Corp.
|
IDT71V65703 IDT71V65903 IDT71V65703S85PF IDT71V657 |
3.3V 256K x 36 ZBT Synchronous 3.3V I/O Flowthrough SRAM 256K x 36 512K x 18 3.3V Synchronous ZBT SRAMs 256K x 36, 512K x 18 3.3V Synchronous ZBT? SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 512K X 18 ZBT SRAM, 7.5 ns, PBGA165 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 512K X 18 ZBT SRAM, 8 ns, PQFP100 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 512K X 18 ZBT SRAM, 7.5 ns, PBGA119 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 256K × 3612K采样× 18 3.3同步ZBT SRAM 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 512K X 18 ZBT SRAM, 8.5 ns, PBGA165 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 512K X 18 ZBT SRAM, 7.5 ns, PQFP100 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 512K X 18 ZBT SRAM, 8.5 ns, PBGA119 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 256K X 36 ZBT SRAM, 7.5 ns, PQFP100 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 256K X 36 ZBT SRAM, 7.5 ns, PBGA165
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
K6R1008C1C- K6R1008C1C-C10 K6R1008C1C-C12 K6R1008C |
128K x 8 high speed static RAM, 5V operating, 12ns 128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges. 128Kx8位高速CMOS静态RAMV的工作)。在经营商业和工业温度范围 RES-140 0.0625W 1% THICK FILM 128K x 8 high speed static RAM, 5V operating, 15ns 128K x 8 high speed static RAM, 5V operating, 10ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
AT28HC256-12FM/883 AT28HC256-12LM/883 AT28HC256-12 |
CONNECTOR ACCESSORY 32K X 8 EEPROM 5V, 90 ns, CPGA28 High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-TSSOP -55 to 125 256 32K x 8 High Speed Parallel EEPROMs 256 32K x 8 High Speed CMOS E2PROM
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
TPC8105-H |
Field Effect Transistor Silicon P Channel MOS Type (High Speed U-MOSII) High Speed and High Efficiency DC .DC Converters Lithium Ion Battery Applications Notebook PCs Portable Equipment Applications
|
TOSHIBA
|
BL-B4137B BL-B4137E BL-B4137M BL-B4137N BL-B9137E |
STANDARD LED LAMPS 标准LED节能 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SSOP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 RESISTOR, 10 1% 1/2W, 2010, SMD High Speed CMOS Logic 4-by-4 Register File 16-PDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 ETC YSTONE[Yellow Stone Corp]
|
BC858C Q62702-C1773 Q62702-C1774 BC856-BC860 Q6270 |
From old datasheet system PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-PDIP -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-PDIP -55 to 125
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG SIEMENS A G
|